| Moteur de recherche de fiches techniques de composants électroniques |
|
PEP-1 Fiches technique(PDF) 1 Page - Zoran Corporation |
|
|
|||||||||||||||||||||||||||||
PEP-1 Fiches technique(HTML) 1 Page - Zoran Corporation |
|
1 / 2 page ![]() PEP-1 Picture Enhancement Processor Te l 408.523.6500 Fax 408.523.6501 www.zoran.com Product Brief 8/12/04-TS PEP1-PB-1.0 Zoran's PEP-1 Picture Enhancement Processor is a silicon-efficient Intellectual Property Core for video IC designs. By providing sharper, contrast-enhanced video, PEP-1 achieves significant quality improve- ment. PEP-1 is based on Zoran's extensive experience delivering high quality, high volume video ICs to major consumer products manufac- turers worldwide. Using a robust contrast enhancement algorithm (dynamic range enhancement), PEP-1 greatly reduces the risk and time involved when integrating picture enhancement functions into an IC. As a result, expensive, discrete components can be eliminated from system designs. When used in conjunction with Zoran's other IP Core products, a silicon and memory efficient implementation can be achieved. VIP-II Demonstration System Zoran offers the VIP-II FPGA demonstration system for evaluation of the PEP-1 Picture Enhancement Processor. The VIP-II allows cus- tomers to input composite video, s-video, or component video to test the PEP-1's performance. Description • Robust contrast enhancement • Dynamic range enhancement • Pixel-by-pixel processing • Adaptive processing based on input video characteristics • CCIR656 input and CCIR656 output • Silicon efficient, fully-synchronous design • Requires only a single clock input • Combinable with other Zoran IP Cores for efficient implementation • Process technology independent "softcore" Features • Compilable Verilog source code • Bit accurate, cycle accurate C++ model • Synopsis synthesis scripts • Test bench • Documentation • VIP-II FPGA demonstration system available Deliverables • Video display processors • Digital-TV • LCD-TV • PDP-TV • Projector TV Systems Integrated Circuit Applications DVD Digital Camera Digital TV Imaging IP Cores Driving the Digital Lifestyle Driving the Digital Lifestyle Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305 |
Numéro de pièce similaire - PEP-1 |
|
Description similaire - PEP-1 |
|
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |