| Moteur de recherche de fiches techniques de composants électroniques |
|
PCE-CT27FN Fiches technique(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-CT27FN Fiches technique(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() Thickness Meter PCE-CT 27FN PCE-CT 27FN Thickness Meter PCE-CT 27FN is a Thickness Meter that takes non-destructive measurements of nonmagnetic coating, insulating layer and dry film thickness (DFT) on metal substrates such as steel and aluminum. Ideal for surface testing, automotive paint inspection, material testing and manufacturing quality control applications, this Thickness Meter is designed to measure layers of paint, ink, plastic, chrome, copper, zinc, enamel, paper, glass, rubber and similar materials. Features an external sensor with v-groove for reliable measurement on small cylindrical parts Includes a set of calibration standards for ferrous and non-ferrous metals Comes with a set of plastic shims or foils |
Numéro de pièce similaire - PCE-CT27FN |
|
Description similaire - PCE-CT27FN |