| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA5007 Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA5007 Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 112 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Fig.10 Serial port Mode 1 timing. MGL451 D0 D1 D2 D3 D4 D5 D6 D7 START BIT D0 D1 D2 D3 D4 D5 D6 D7 TX CLOCK WRITE TO SBUF DATA SHIFT TXD TI START BIT STOP BIT ÷8 RESET RX CLOCK RXD STOP BIT BIT DETECTOR SAMPLE TIME SHIFT RI SEND T R A N S M I T R E C E I V E |