| Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2003AI Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ULN2003AI Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jan-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples ULN2003ANSRG4 ACTIVE SO NS 16 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 70 ULN2003A Samples ULN2003APW LIFEBUY TSSOP PW 16 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 70 UN2003A ULN2003APWG4 LIFEBUY TSSOP PW 16 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 70 UN2003A ULN2003APWR ACTIVE TSSOP PW 16 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 70 UN2003A Samples ULN2003APWRG4 LIFEBUY TSSOP PW 16 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 70 UN2003A ULN2004AD LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULN2004ADE4 LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULN2004ADG4 LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULN2004ADR ACTIVE SOIC D 16 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -20 to 70 ULN2004A Samples ULN2004ADRE4 LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULN2004ADRG4 LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULN2004AN LIFEBUY PDIP N 16 25 RoHS & Green NIPDAU N / A for Pkg Type -20 to 70 ULN2004AN ULN2004ANE4 LIFEBUY PDIP N 16 25 RoHS & Green NIPDAU N / A for Pkg Type -20 to 70 ULN2004AN ULN2004ANS LIFEBUY SO NS 16 50 RoHS & Green NIPDAU Level-1-260C-UNLIM ULN2004A ULN2004ANSR LIFEBUY SO NS 16 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -20 to 70 ULN2004A ULQ2003AD LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 ULQ2003A ULQ2003ADG4 LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM ULQ2003A ULQ2003ADR LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 ULQ2003A ULQ2003ADRG4 LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM ULQ2003A ULQ2003AN LIFEBUY PDIP N 16 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 ULQ2003A ULQ2004AD LIFEBUY SOIC D 16 40 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 ULQ2004A ULQ2004ADR LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 ULQ2004A ULQ2004ADRG4 LIFEBUY SOIC D 16 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM ULQ2004A ULQ2004AN LIFEBUY PDIP N 16 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 ULQ2004AN (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. Addendum-Page 2 |