Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC2G53 Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button SN74LVC2G53_V01 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 19Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 20Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 21Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 22Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 23Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 24Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 25Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Jan-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC2G53DCT3
SM8
DCT
8
3000
180.0
13.0
3.35
4.5
1.55
4.0
12.0
Q3
SN74LVC2G53DCTR
SM8
DCT
8
3000
180.0
13.0
3.35
4.5
1.55
4.0
12.0
Q3
SN74LVC2G53DCUR
VSSOP
DCU
8
3000
178.0
9.5
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G53DCUR
VSSOP
DCU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G53DCUR
VSSOP
DCU
8
3000
180.0
9.0
2.25
3.4
1.0
4.0
8.0
Q3
SN74LVC2G53DCURG4
VSSOP
DCU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G53DCUT
VSSOP
DCU
8
250
178.0
9.5
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G53DCUTG4
VSSOP
DCU
8
250
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G53YZPR
DSBGA
YZP
8
3000
178.0
9.2
1.02
2.02
0.63
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33