| Moteur de recherche de fiches techniques de composants électroniques |
|
LP8733 Fiches technique(PDF) 80 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8733 Fiches technique(HTML) 80 Page - Texas Instruments |
|
80 / 86 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 24-Dec-2023 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP873345RHDR VQFN RHD 28 3000 330.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP873345RHDT VQFN RHD 28 250 180.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP873347RHDR VQFN RHD 28 3000 330.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP873347RHDT VQFN RHD 28 250 180.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP87334DRHDR VQFN RHD 28 3000 330.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP87334ERHDR VQFN RHD 28 3000 330.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 LP87334FRHDR VQFN RHD 28 3000 330.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 LP873364RHDR VQFN RHD 28 3000 330.0 12.4 5.25 5.25 1.1 8.0 12.0 Q2 Pack Materials-Page 1 |