Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6G3237TTR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce ST6G3237TTR
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TTR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button ST6G3237TTR Datasheet HTML 9Page - STMicroelectronics ST6G3237TTR Datasheet HTML 10Page - STMicroelectronics ST6G3237TTR Datasheet HTML 11Page - STMicroelectronics ST6G3237TTR Datasheet HTML 12Page - STMicroelectronics ST6G3237TTR Datasheet HTML 13Page - STMicroelectronics ST6G3237TTR Datasheet HTML 14Page - STMicroelectronics ST6G3237TTR Datasheet HTML 15Page - STMicroelectronics ST6G3237TTR Datasheet HTML 16Page - STMicroelectronics ST6G3237TTR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ST6G3237
Package mechanical data
13/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17