| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM647ZUT720 Fiches technique(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT720 Fiches technique(HTML) 89 Page - Texas Instruments |
|
89 / 166 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 A. RESET should be used only after device has been powered up. For more details on the use of the RESET pin, see Section 6.7, Reset Controller. B. A reset signal is generated internally during a Warm Reset. This internal reset signal has the same effect as the RESET pin during a Warm Reset. C. Boot and Device Configuration Inputs (during reset) include: AEA[22:11], and UHPIEN. Figure 6-11. Warm Reset and Max Reset Timing A. RESET should be used only after device has been powered up. For more details on the use of the RESET pin, see Section 6.7, Reset Controller. B. Boot and Device Configuration Inputs (during reset) include: AEA[22:11], and UHPIEN. Figure 6-12. System Reset Timing Submit Documentation Feedback Peripheral Information and Electrical Specifications 89 |