Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM647 Fiches technique(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM647
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Fiches technique(HTML) 92 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments TMS320DM647 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 6-25. DM647/DM648 DSP Interrupts (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
90
Reserved
Reserved
91
Reserved
Reserved
92
Reserved
Reserved
93
Reserved
Reserved
94
Reserved
Reserved
95
Reserved
Reserved
96
INTERR
C64x+ Interrupt Controller Dropped CPU Interrupt Event
97
EMC_IDMAERR
C64x+ EMC Invalid IDMA Parameters
98
Reserved
Reserved
99
Reserved
Reserved
100
EFIINTA
EFI Interrupt from side A.
101
EFIINTB
EFI Interrupt from side B
102 - 112
Reserved
Reserved
113
L1P_ED
L1P Single bit error detected during DMA read
114-115
Reserved
Reserved
116
L2_ED1
L2 single bit error detected
117
L2_ED2
L2 two bit error detected
118
PDC_INT
Power Down sleep interrupt
119
Reserved
Reserved
120
L1P_CMPA
L1P CPU memory protection fault
121
L1P_DMPA
L1P DMA memory protection fault
122
L1D_CMPA
L1D CPU memory protection fault
123
L1D_DMPA
L1D DMA memory protection fault
124
L2_CMPA
L2 CPU memory protection fault
125
L2_DMPA
L2 DMA memory protection fault
126
IDMA_CMPA
IDMA CPU memory protection fault
127
IDMA_BUSERR
IDMA bus error interrupt
Peripheral Information and Electrical Specifications
92
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More