Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B2M080120Z Fiches technique(PDF) 13 Page - BASIC SEMICONDUCTOR

No de pièce B2M080120Z
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BASICSEMI [BASIC SEMICONDUCTOR]
Site Internet  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120Z Fiches technique(HTML) 13 Page - BASIC SEMICONDUCTOR

Back Button B2M080120Z Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 10Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 11Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 12Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 13Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 14Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SiC MOSFET
12 / 13
www.basicsemi.com
Package Dimensions
c
SYMBOL
MIN
NOM
MAX
mm
A
A1
17.57
2.50
2.35
17.27
3.60
A2
b
b1
b3
b5
D
D1
E
E1
E2
e
4.40
e1
2.54 BSC
L
L1
L2
φ p
5.21
2.61
2.20
1.36
2.93
1.60
2.72
0.75
23.60
17.65
16.14
14.32
5.10
17.87
4.39
2.65
3.80
4.80
2.21
1.80
1.06
2.33
1.07
2.30
0.51
23.30
16.25
15.74
13.72
3.68
3.97
4.19
5.00
2.41
2.00
1.21
2.63
1.30
2.53
0.61
23.45
16.55
15.94
14.02
5.08 BSC
5.79
5.49
φ p1
Q
S
6.09
3.40
7.19REF
6.17
6.00
6.40
E
b3
e
b
e1
A
A2
A1
ΦP
E1
b1
c
b5
B2M080120Z
Rev. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14