| Moteur de recherche de fiches techniques de composants électroniques |
|
RUT956 Fiches technique(PDF) 1 Page - QuWireless |
|
|
|||||||||||||||||||||||||||||
RUT956 Fiches technique(HTML) 1 Page - QuWireless |
|
1 / 8 page ![]() QuSpot for Teltonika RUT956/RUT955 Integrated multi-band LTE omni antennas + WiFi omni antennas + place to install Teltonika RUT956 or RUT955 (All-in-one) QuSpot omni LTE antenna for Teltonika RUT956, RUT955 or RUT906 router is a perfect outdoor device for mobile and fixed installations like industrial, CCTV, hotspots, yachts, boats, campers, RV etc. It has embedded also omni Wi-Fi and GPS antenna. If you use RUT956, RUT955 or RUT906 with QuSpot antenna, you get an integrated complete solution with embedded router and multi band antennas in one enclosure. DATASHEET / A955S VERSION / 2.07 OUTDOOR ANTENNA WORKS IN ANY WEATHER CONDITIONS, IP67 ANTENNA PERFECTLY MATCHED WITH THE ROUTER POE PASSIVE POE SUPPORT MADE IN EUROPE |
Numéro de pièce similaire - RUT956 |
|
Description similaire - RUT956 |