| Moteur de recherche de fiches techniques de composants électroniques |
|
TL2575 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL2575 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 31 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TL2575-05IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575-05IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575-05IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-12IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575-12IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575-12IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-12INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-15IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575-15IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575-15IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-15INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-33IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575-33IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575-33IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-ADJIKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575-ADJIKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575-ADJIN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575-ADJINE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-05IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-05IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-05IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-05INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-12IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-12IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-12IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type PACKAGE OPTION ADDENDUM www.ti.com 24-Jan-2007 Addendum-Page 1 |