| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM1850APJTG4 Fiches technique(PDF) 28 Page - Burr-Brown (TI) |
|
|
|
|||||||||||||||||||||||||||||
PCM1850APJTG4 Fiches technique(HTML) 28 Page - Burr-Brown (TI) |
|
28 / 32 page ![]() www.ti.com APPLICATION INFORMATION TYPICAL CIRCUIT CONNECTION DIAGRAM 23 22 21 20 19 1 2 VINR2 VINL2 VINR1 VINL1 MOUTL MOUTR RST TEST1 VREFS VREF1 VREF2 Vcc AGND MS (ADR)(1) MC (SCL)(1) MD (SDA)(1) 24 18 3 4 5 6 7 8 17 25 26 27 28 29 30 31 32 16 15 14 13 12 11 10 9 + C16 C17 C15 C14 C13 C12 C11 C10 + + + + + + + Analog Input/Output + C9 + C8 + C7 + C6 + C19 + C18 + C5 + C4 + C3 + C1 +5 V 0 V C2 + 3.3 V Control Audio Data Processor PCM1850A/1851A (1) PCM1850A (PCM1851A) S0181-01 PCM1850A PCM1851A SLES173 – MARCH 2006 The following figure illustrates a typical circuit connection diagram for six stereo inputs and an analog monitor. NOTE: C1, C2: 0.1-µF ceramic and 10-µF electrolytic capacitors are recommended, depending on layout and power supply. C3, C4, C5: 0.1-µF ceramic and 10-µF electrolytic capacitors are recommended. C6–C17: A 0.33-µF capacitor gives a 2.9-Hz (τ = 0.33 µF × 169 kΩ) typical cutoff frequency at the HPF input in normal operation, and it requires power-on settling time with a 56-ms time constant in the power-on initialization period. Cutoff frequency and time constant depend on PGA gain. Cutoff frequency varies from 2.4 Hz to 8.5 Hz for 0.33 µF. DC-coupled input is inhibited for the analog input, VINL[1:6] and VINR[1:6]. C18–C19: A 2.2-µF capacitor with a 10-kΩ load gives a 7.2-Hz cutoff frequency. 28 Submit Documentation Feedback |