| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS5547 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5547 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 57 page ![]() www.ti.com ADS5527 SLWS196A – DECEMBER 2006 – REVISED MAY 2007 D4 - D2 <CLKOUT TERM> LVDS internal termination for output clock pin (CLKOUT) 000 No internal termination 001 325 010 200 011 125 100 170 101 120 110 100 111 75 D7 - D5 <DATA TERM> LVDS internal termination for output data pins 000 No internal termination 001 325 010 200 011 125 100 170 101 120 110 100 111 75 Table 18. Serial Register J A7 - A0 D7 D6 D5 D4 D3 D2 D1 D0 <CURR DOUBLE> LVDS 7F CURRENT DOUBLE D7 - D6 <CURR DOUBLE> LVDS buffer current double 00 Value specified by <LVDS CURR> 01 2x data, 2x clockout currents 10 1x data, 2x clockout currents 11 2x data, 4x clockout currents 21 Submit Documentation Feedback |