Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACPDT-24CAN-HF Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce ACPDT-24CAN-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24CAN-HF Fiches technique(HTML) 3 Page - Comchip Technology

  ACPDT-24CAN-HF Datasheet HTML 1Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 2Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 3Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Page 3
SMD ESD Protection Diode
AQW-JP010
REV:A
Reel Taping Specification
(mm)
(inch)
SOT-23
SYMBOL
(inch)
SOT-23
SYMBOL
A
(mm)
B
C
d
D
D1
D2
3.15 ± 0.10
2.77 ± 0.10
1.22 ± 0.10
1.50 ± 0.10
178.00 ± 1.00
54.00 ± 0.50
13.00 ± 0.50
0.124 ± 0.004 0.109 ± 0.004 0.048 ± 0.004 0.059 ± 0.004 7.008 ± 0.039 2.126 ± 0.020 0.512 ± 0.020
E
F
P
P0
P1
W
W1
1.75 ± 0.10
3.50 ± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 + 0.30
− 0.10
9.50 ± 1.00
0.069 ± 0.004 0.138 ± 0.002 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002
0.315 + 0.012
− 0.004
0.374 ± 0.039
Index hole
A
B
d
E
F
P
P0
P1
W
C
Trailer
Device
Leader
50±2 Empty Pockets
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
100±2 Empty Pockets
D1
D2
D
W1



Html Pages

1 2 3 4