Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTS201 Fiches technique(PDF) 4 Page - E+E Elektronik Ges.m.b.H

No de pièce HTS201
Description  Room Sensor for Relative Humidity and Temperature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPLUSE [E+E Elektronik Ges.m.b.H]
Site Internet  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTS201 Fiches technique(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  HTS201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTS201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet HTS201
v1.0 / Modification rights reserved | 4
Features
Values in mm (inch)
Dimensions
Protective Sensor Coating
Enclosure
EU format
Enclosure
US format
Optional display
Ø60
Ø2.36
4
0.16
30 / 1.18
5
0.20
85 (3.35)
23
(0.91)
40 (1.57)
Optional display
Ø60
Ø2.36
30
1.18
5
0.20
4
0.16
85 (3.35)
40 (1.57)
23
(0.91)
The E+E proprietary sensor coating is a protective layer applied to the active surface of the sensing element. The coating
substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment (salts, off-
shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by preventing
stray impedance caused by deposits on the active sensor surface.



Html Pages

1 2 3 4 5 6 7 8 9