Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTP201 Fiches technique(PDF) 4 Page - E+E Elektronik Ges.m.b.H

No de pièce HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPLUSE [E+E Elektronik Ges.m.b.H]
Site Internet  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Fiches technique(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 4
Features
The E+E proprietary sensor coating is a protective layer applied to the active surface of the sensing element. The coating
substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment (salts, off-
shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by preventing
stray impedance caused by deposits on the active sensor surface.
Protective Sensor Coating
Dimensions
Voltage versions
With connector (Type E9)
With cable (Type E8)
34 (1.3)
101.5 (4)
11
(0.43)
106 (4.2)
34 (1.3)
Current versions
With connector (Type E9)
With cable (Type E8)
34 (1.3)
127 (5)
11
(0.43)
131 (5.2)
34 (1.3)
Sensor coating
Sealed solder pads
Encapsulated electronics
Sensing head with sensor coating and underfiller
Values in mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9