| Moteur de recherche de fiches techniques de composants électroniques |
|
CDS201 Fiches technique(PDF) 4 Page - E+E Elektronik Ges.m.b.H |
|
|
|||||||||||||||||||||||||||||
CDS201 Fiches technique(HTML) 4 Page - E+E Elektronik Ges.m.b.H |
|
4 / 9 page ![]() Datasheet CDS201 v1.1 / Modification rights reserved | 4 Features Values in mm (inch) Dimensions The E+E proprietary sensor coating is a protective layer applied to the active surface of the RH / T sensing element. The coating substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment (salts, off-shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by preventing stray impedance caused by deposits on the active sensor surface. Protective Sensor Coating Enclosure EU format Enclosure US format Optional display Ø60 Ø2.36 4 0.16 30 / 1.18 5 0.20 85 (3.35) 23 (0.91) 40 (1.57) Optional display Ø60 Ø2.36 30 1.18 5 0.20 4 0.16 85 (3.35) 40 (1.57) 23 (0.91) |