| Moteur de recherche de fiches techniques de composants électroniques |
|
CCM223 Fiches technique(PDF) 1 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CCM223 Fiches technique(HTML) 1 Page - Endress+Hauser Group Services AG |
|
1 / 24 page ![]() Products Solutions Services TI00214C/07/EN/14.13 71235680 Technical Information Liquisys M CCM223/253 Measurement of free chlorine/chlorine dioxide/ total chlorine Transmitter for chlorine sensors Application •Drinking water • Water treatment • Cooling water • Gas scrubbers • Reverse osmosis • Food processing • Swimming pool water Your benefits • Field or panel-mounted housing • Universal application • pH compensation for free chlorine • Simple handling – Logically arranged menu structure – Calibration via CAL button • Safe operation – Overvoltage (lightning) protection – Manual contact control and user-defined alarm configuration The basic unit can be extended with: • 2 or 4 additional contacts for use as: – Limit contacts (also for temperature) – P(ID) controller for chlorine and pH – Timer for simple rinse processes – Complete cleaning with Chemoclean •Plus package: – Manual pH compensation for Cl2 – Any current output configuration via table – Automatic cleaning start – Process monitoring and live check of sensor • HART or PROFIBUS PA / DP • 2nd current output for temperature, main measured value or actuating variable • Current input for flow rate monitoring with controller shut off or for feedforward control |
Numéro de pièce similaire - CCM223 |
|
Description similaire - CCM223 |