| Moteur de recherche de fiches techniques de composants électroniques |
|
X5083PI-2.7 Fiches technique(PDF) 13 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X5083PI-2.7 Fiches technique(HTML) 13 Page - Intersil Corporation |
|
13 / 21 page ![]() 13 FN8127.3 June 15, 2006 Symbol Table 0 1234 5 CS SCK SI INSTRUCTION tWC Non-volatile Write Operation 67 NEXT Wait tWC after a write for new operation, if not using polling procedure FIGURE 11. END OF NONVOLATILE WRITE (NO POLLING) WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from LOW to HIGH Will change from LOW to HIGH May change from HIGH to LOW Will change from HIGH to LOW Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance X5083 |