| Moteur de recherche de fiches techniques de composants électroniques |
|
X5083PIZ Fiches technique(PDF) 3 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X5083PIZ Fiches technique(HTML) 3 Page - Intersil Corporation |
|
3 / 21 page ![]() 3 FN8127.3 June 15, 2006 Ordering Information PART NUMBER RESET (ACTIVE LOW) PART MARKING VCC RANGE (V) VTRIP RANGE TEMPERATURE RANGE (°C) PACKAGE PKG. DWG. # X5083P-4.5A X5083P AL 4.5-5.5 4.5-4.75 0 to 70 8 Ld PDIP MDP0031 X5083PZ-4.5A (Note) X5083P ZAL 0 to 70 8 Ld PDIP* (Pb-free) MDP0031 X5083PI-4.5A X5083P AM -40 to 85 8 Ld PDIP MDP0031 X5083PIZ-4.5A (Note) X5083P ZAM -40 to 85 8 Ld PDIP* (Pb-free) MDP0031 X5083S8-4.5A X5083 AL 0 to 70 8 Ld SOIC MDP0027 X5083S8Z-4.5A (Note) X5083 ZAL 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5083S8I-4.5A* X5083 AM -40 to 85 8 Ld SOIC MDP0027 X5083S8IZ-4.5A* (Note) X5083 ZAM -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X5083V8-4.5A 583 AL 0 to 70 8 Ld TSSOP M8.173 X5083V8Z-4.5A (Note) 583 ZAL 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X5083V8I-4.5A 583 AM -40 to 85 8 Ld TSSOP M8.173 X5083V8IZ-4.5A (Note) 583 ZAM -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X5083P X5083P 4.5-5.5 4.25-4.5 0 to 70 8 Ld PDIP MDP0031 X5083PZ (Note) X5083P Z 0 to 70 8 Ld PDIP* (Pb-free) MDP0031 X5083PI X5083P I -40 to 85 8 Ld PDIP MDP0031 X5083PIZ (Note) X5083P ZI -40 to 85 8 Ld PDIP* (Pb-free) MDP0031 X5083SI X5083 I -40 to 85 8 Ld SOIC MDP0027 X5083S8 X5083 0 to 70 8 Ld SOIC MDP0027 X5083S8Z (Note) X5083 Z 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5083S8I* X5083 I -40 to 85 8 Ld SOIC MDP0027 X5083S8IZ* (Note) X5083 ZI -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X5083V8 583 0 to 70 8 Ld TSSOP M8.173 X5083V8Z (Note) 583 Z 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X5083V8I 583 I -40 to 85 8 Ld TSSOP M8.173 X5083V8IZ (Note) 583 IZ -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X5083P-2.7A X5083P AN 2.7-5.5 2.85-3.0 0 to 70 8 Ld PDIP MDP0031 X5083PZ-2.7A (Note) X5083P ZAN 0 to 70 8 Ld PDIP* (Pb-free) MDP0031 X5083PI-2.7A X5083P AP -40 to 85 8 Ld PDIP MDP0031 X5083PIZ-2.7A (Note) X5083P ZAP -40 to 85 8 Ld PDIP* (Pb-free) MDP0031 X5083S8-2.7A X5083 AN 0 to 70 8 Ld SOIC MDP0027 X5083S8Z-2.7A (Note) X5083 ZAN 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5083S8I-2.7A X5083 AP -40 to 85 8 Ld SOIC MDP0027 X5083S8IZ-2.7A* (Note) X5083 ZAP -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X5083V8-2.7A 583 AN 0 to 70 8 Ld TSSOP M8.173 X5083V8Z-2.7A (Note) 583 ZAN 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X5083V8I-2.7A 583 AP -40 to 85 8 Ld TSSOP M8.173 X5083V8IZ-2.7A (Note) 583 ZAP -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X5083 |