Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X5083PZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce X5083PZ
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PZ Fiches technique(HTML) 3 Page - Intersil Corporation

  X5083PZ Datasheet HTML 1Page - Intersil Corporation X5083PZ Datasheet HTML 2Page - Intersil Corporation X5083PZ Datasheet HTML 3Page - Intersil Corporation X5083PZ Datasheet HTML 4Page - Intersil Corporation X5083PZ Datasheet HTML 5Page - Intersil Corporation X5083PZ Datasheet HTML 6Page - Intersil Corporation X5083PZ Datasheet HTML 7Page - Intersil Corporation X5083PZ Datasheet HTML 8Page - Intersil Corporation X5083PZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8127.3
June 15, 2006
Ordering Information
PART NUMBER RESET
(ACTIVE LOW)
PART MARKING
VCC RANGE (V)
VTRIP RANGE
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
X5083P-4.5A
X5083P AL
4.5-5.5
4.5-4.75
0 to 70
8 Ld PDIP
MDP0031
X5083PZ-4.5A (Note)
X5083P ZAL
0 to 70
8 Ld PDIP* (Pb-free)
MDP0031
X5083PI-4.5A
X5083P AM
-40 to 85
8 Ld PDIP
MDP0031
X5083PIZ-4.5A (Note)
X5083P ZAM
-40 to 85
8 Ld PDIP* (Pb-free)
MDP0031
X5083S8-4.5A
X5083 AL
0 to 70
8 Ld SOIC
MDP0027
X5083S8Z-4.5A (Note)
X5083 ZAL
0 to 70
8 Ld SOIC (Pb-free)
MDP0027
X5083S8I-4.5A*
X5083 AM
-40 to 85
8 Ld SOIC
MDP0027
X5083S8IZ-4.5A* (Note)
X5083 ZAM
-40 to 85
8 Ld SOIC (Pb-free)
MDP0027
X5083V8-4.5A
583 AL
0 to 70
8 Ld TSSOP
M8.173
X5083V8Z-4.5A (Note)
583 ZAL
0 to 70
8 Ld TSSOP (Pb-free)
M8.173
X5083V8I-4.5A
583 AM
-40 to 85
8 Ld TSSOP
M8.173
X5083V8IZ-4.5A (Note)
583 ZAM
-40 to 85
8 Ld TSSOP (Pb-free)
M8.173
X5083P
X5083P
4.5-5.5
4.25-4.5
0 to 70
8 Ld PDIP
MDP0031
X5083PZ (Note)
X5083P Z
0 to 70
8 Ld PDIP* (Pb-free)
MDP0031
X5083PI
X5083P I
-40 to 85
8 Ld PDIP
MDP0031
X5083PIZ (Note)
X5083P ZI
-40 to 85
8 Ld PDIP* (Pb-free)
MDP0031
X5083SI
X5083 I
-40 to 85
8 Ld SOIC
MDP0027
X5083S8
X5083
0 to 70
8 Ld SOIC
MDP0027
X5083S8Z (Note)
X5083 Z
0 to 70
8 Ld SOIC (Pb-free)
MDP0027
X5083S8I*
X5083 I
-40 to 85
8 Ld SOIC
MDP0027
X5083S8IZ* (Note)
X5083 ZI
-40 to 85
8 Ld SOIC (Pb-free)
MDP0027
X5083V8
583
0 to 70
8 Ld TSSOP
M8.173
X5083V8Z (Note)
583 Z
0 to 70
8 Ld TSSOP (Pb-free)
M8.173
X5083V8I
583 I
-40 to 85
8 Ld TSSOP
M8.173
X5083V8IZ (Note)
583 IZ
-40 to 85
8 Ld TSSOP (Pb-free)
M8.173
X5083P-2.7A
X5083P AN
2.7-5.5
2.85-3.0
0 to 70
8 Ld PDIP
MDP0031
X5083PZ-2.7A (Note)
X5083P ZAN
0 to 70
8 Ld PDIP* (Pb-free)
MDP0031
X5083PI-2.7A
X5083P AP
-40 to 85
8 Ld PDIP
MDP0031
X5083PIZ-2.7A (Note)
X5083P ZAP
-40 to 85
8 Ld PDIP* (Pb-free)
MDP0031
X5083S8-2.7A
X5083 AN
0 to 70
8 Ld SOIC
MDP0027
X5083S8Z-2.7A (Note)
X5083 ZAN
0 to 70
8 Ld SOIC (Pb-free)
MDP0027
X5083S8I-2.7A
X5083 AP
-40 to 85
8 Ld SOIC
MDP0027
X5083S8IZ-2.7A* (Note)
X5083 ZAP
-40 to 85
8 Ld SOIC (Pb-free)
MDP0027
X5083V8-2.7A
583 AN
0 to 70
8 Ld TSSOP
M8.173
X5083V8Z-2.7A (Note)
583 ZAN
0 to 70
8 Ld TSSOP (Pb-free)
M8.173
X5083V8I-2.7A
583 AP
-40 to 85
8 Ld TSSOP
M8.173
X5083V8IZ-2.7A (Note)
583 ZAP
-40 to 85
8 Ld TSSOP (Pb-free)
M8.173
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21