Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P83CL781 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce P83CL781
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button P83CL781 Datasheet HTML 35Page - NXP Semiconductors P83CL781 Datasheet HTML 36Page - NXP Semiconductors P83CL781 Datasheet HTML 37Page - NXP Semiconductors P83CL781 Datasheet HTML 38Page - NXP Semiconductors P83CL781 Datasheet HTML 39Page - NXP Semiconductors P83CL781 Datasheet HTML 40Page - NXP Semiconductors P83CL781 Datasheet HTML 41Page - NXP Semiconductors P83CL781 Datasheet HTML 42Page - NXP Semiconductors P83CL781 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
1997 Mar 14
39
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
Fig.22 Serial port Mode 3.
handbook, full pagewidth
MGC753
START
SHIFT
DATA
T1
0
SMOD
RTCLK
1
01
TX CONTROL
TX CLOCK
SEND
16
serial port
interrupt
16
RX CLOCK
R1
LOAD
SBUF
SHIFT
RX CONTROL
START
HIGH-TO-LOW
TRANSITION
DETECTOR
sample
INPUT SHIFT
REGISTER
(9-BITS)
BIT
DETECTOR
S0 BUFFER
INTERNAL BUS
READ
SBUF
SHIFT
LOAD
SBUF
S0 BUFFER
ZERO DETECTOR
SHIFT
D
CL
S
Q
TB8
INTERNAL BUS
write to
SBUF
2
Timer 1
overflow
Timer 2
overflow
RXD
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76