Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P83CL580 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce P83CL580
Description  Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL580 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button P83CL580 Datasheet HTML 35Page - NXP Semiconductors P83CL580 Datasheet HTML 36Page - NXP Semiconductors P83CL580 Datasheet HTML 37Page - NXP Semiconductors P83CL580 Datasheet HTML 38Page - NXP Semiconductors P83CL580 Datasheet HTML 39Page - NXP Semiconductors P83CL580 Datasheet HTML 40Page - NXP Semiconductors P83CL580 Datasheet HTML 41Page - NXP Semiconductors P83CL580 Datasheet HTML 42Page - NXP Semiconductors P83CL580 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
1997 Mar 14
39
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART, I2C-bus and ADC
P80CL580; P83CL580
handbook, full pagewidth
MGC755
START
SHIFT
DATA
T1
TX CONTROL
TX CLOCK
SEND
16
serial port
interrupt
16
RX CLOCK
R1
LOAD
SBUF
SHIFT
RX CONTROL
START
sample
INPUT SHIFT
REGISTER
(9-BITS)
BIT
DETECTOR
S0 BUFFER
INTERNAL BUS
READ
SBUF
SHIFT
LOAD
SBUF
S0 BUFFER
ZERO DETECTOR
SHIFT
D
CL
S
Q
TB8
INTERNAL BUS
write to
SBUF
RXD
TXD
0
SMOD
RTCLK
1
01
HIGH-TO-LOW
TRANSITION
DETECTOR
2
Timer 1
overflow
Timer 2
overflow
Fig.21 Serial port Mode 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80