| Moteur de recherche de fiches techniques de composants électroniques |
|
P82C150 Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P82C150 Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 36 page ![]() 1996 Jun 19 26 Philips Semiconductors Preliminary specification CAN Serial Linked I/O device (SLIO) with digital and analog port functions P82C150 Fig.11 P82C150 start-up bit time calibration procedure for host node (P8xC592, P8xCE598 or P82C200). handbook, full pagewidth if if Load calibration message into transmit buf fer j := 18 else else then else j : = j − 1 if j = 0 Wait for reception of sign-on message from P82C150 nodes from now onwards transmit calibration message periodically with a recommended repetition period between 3800 and 8000 bit times then then MHA079 '0' Set bit 'Transmission Request' (CMR.0) in Command Register Set bit 'Abort Transmission' (CMR.1) in Command Register 'Transmit Status' = 0(1) 'Transmit Status' = 1(1) (1) Bit SR.5 in Status Register. |