| Moteur de recherche de fiches techniques de composants électroniques |
|
VHT2.2M25 Fiches technique(PDF) 2 Page - NTE Electronics |
|
|
|||||||||||||||||||||||||||||
VHT2.2M25 Fiches technique(HTML) 2 Page - NTE Electronics |
|
2 / 2 page ![]() 105 °C ALUMINUM ELECTROLYTIC VHT SERIES 11 NTE Electronics, Inc. D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com VHT Series Dimensions: Diameter (D Ø) x Length (L): mm WV Cap ( µf) 16 25 35 50 63 160 250 0.1 5 x 11 0.22 5 x 11 0.33 5 x 11 0.47 5 x 11 5 x 11 1.0 5 x 11 5 x 11 6 x 11 6 x 11 2.2 5 x 11 5 x 11 6 x 11 8 x 11.5 3.3 5 x 11 5 x 11 8 x 11.5 10 x 12.5 4.7 5 x 11 5 x 11 5 x 11 5 x 11 8 x 11.5 10 x 12.5 10 5 x 11 5 x 11 5 x 11 5 x 11 6 x 11 10 x 12.5 10 x 20 22 5 x 11 5 x 11 6 x 11 6 x 11 8 x 11.5 10 x 20 13 x 25 33 5 x 11 6 x 11 6 x 11 8 x 11.5 8 x 11.5 13 x 21 13 x 25 47 6 x 11 6 x 11 8 x 11.5 8 x 11.5 10 x 12.5 13 x 25 16 x 25 100 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 16 x 25 18 x 36 220 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 20 330 10 x 16 10 x 20 13 x 20 13 x 20 13 x 25 470 10 x 20 13 x 20 13 x 25 16 x 25 16 x 25 1000 13 x 25 16 x 25 16 x 25 16 x 25 18 x 31.5 2200 16 x 25 16 x 31.5 18 x 31.5 3300 16 x 31.5 18 x 31.5 4700 18 x 31.5 * These dimensions are for reference only, please consult the factory for actual size. VHT Mechanical Specs: Dimensions (mm) Outside Diameter D Ø 5.0 6.0 8.0 10.0 13.0 16.0 18.0 Lead Spacing A 2.0 2.5 3.5 5.0 7.5 Lead Wire d Ø 0.5 0.6 0.65 0.8 * These dimensions are for reference only, please consult the factory for actual size. |