Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSMD035-1210-R Fiches technique(PDF) 6 Page - RFE international

No de pièce FSMD035-1210-R
Description  Surface Mount PPTC Resettable Fuse: FS MD121 0 Se ries
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

FSMD035-1210-R Fiches technique(HTML) 6 Page - RFE international

  FSMD035-1210-R Datasheet HTML 1Page - RFE international FSMD035-1210-R Datasheet HTML 2Page - RFE international FSMD035-1210-R Datasheet HTML 3Page - RFE international FSMD035-1210-R Datasheet HTML 4Page - RFE international FSMD035-1210-R Datasheet HTML 5Page - RFE international FSMD035-1210-R Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Warning: - Each product should be carefully evaluated and tested for their suitability of application.
- Operation beyond the specified maximum rating or improper use may result in damage and possible electrical arcing and/or flame.
- PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent condition and/or prolonged
trip are not anticipated.
- Avoid contact of PPTC device with chemical solvent, including some inert material such as silicone based oil, lubricant and etc.
Prolonged contact will damage the device performance.
- Additional protection mechanism are strongly recommended to be used in conjunction with the PPTC device for protection against
abnormal or failure conditions.
- Avoid use of PPTC device in a constrained space such as potting material, housing and containers where have limited space to
accommodate device thermal expansion and/or contraction
DEC-19-2023
Page 6 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NO.
PQ19-01ER
Surface Mount PPTC Resettable Fuse:
FSMD1210 Series



Html Pages

1 2 3 4 5 6