| Moteur de recherche de fiches techniques de composants électroniques |
|
OM5232/FBP Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OM5232/FBP Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 11 page ![]() Philips Semiconductors Product specification OM5232 CMOS single-chip 8-bit microcontroller December 1994 9 EXPLANATION OF THE AC SYMBOLS Each timing symbol has five characters. The first character is always ‘t’ (= time). The other characters, depending on their positions, indicate the name of a signal or the logical status of that signal. The designations are: A – Address C – Clock D – Input data H – Logic level high I – Instruction (program memory contents) L – Logic level low, or ALE P – PSEN Q – Output data R – RD signal t – Time V – Valid W – WR signal X – No longer a valid logic level Z – Float Examples: tAVLL = Time for address valid to ALE low. tLLPL = Time for ALE low to PSEN low. tPXIZ Figure 2. External Program Memory Read Cycle ALE PSEN PORT 0 PORT 2 A8–A15 A8–A15 A0–A7 A0–A7 tAVLL tPXIX tLLAX INSTR IN tPLIV tLHLL tPLPH tLLIV tPLAZ tLLPL tAVIV ALE PSEN PORT 0 PORT 2 Figure 3. External Data Memory Read Cycle RD A0–A7 FROM RI OR DPL DATA IN A0–A7 FROM PCL INSTR IN P2.0–P2.7 OR A8–A15 FROM DPH A8–A15 FROM PCH tWHLH tLLDV tLLWL tRLRH tLLAX tRLAZ tAVLL tRHDX tRHDZ tAVWL tAVDV tRLDV |