Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMCP785T Fiches technique(PDF) 1 Page - STI Vibration Monitoring Inc.

No de pièce CMCP785T
Description  Dual Output Side Entry Accelerometer with Temperature 3 Pin MS 5015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STI [STI Vibration Monitoring Inc.]
Site Internet  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP785T Fiches technique(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP785T Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP785T Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP785T
Dual Output Side Entry Accelerometer with Temperature
3 Pin MS 5015
Features
Dual Output Accelerometer with Temperature
100 mV/g ±10% and 10 mV/°C
140°C Max Temperature Range
±80 g Dynamic Range
3 Pin MS 5015 Connector
Class 1 Division 2 Approved
Class 1 Division 1 Approved with IS Barrier or Isolator
¼”-28 UNF or M8x1.25 Captive Mounting Bolt
Sealed to IP68
Typical Applications
Fans, Motors, Pumps, Compressors, Centrifuges, Conveyors, Air Handlers, Gearboxes, Rolls, Dryers, Presses,
Cooling, HVAC, Spindles, Machine Tooling, Process Equipment and many more.
Technical Performance
Mounted Base Resonance:
21 kHz (nominal)
Sensitivity (Acceleration):
100 mV/g ±10% Nominal 80 Hz at 22°C
Sensitivity (Temperature):
10 mV/°C (0-100°C Range)
Frequency Response:
2.0 Hz to 10 kHz ±5%
(120 cpm to 600 kcpm)
1.5 Hz to 12 kHz ±10%
(90 cpm to 720 kcpm)
0.8 Hz to 15 kHz ±3dB
(48 cpm to 900 kcpm)
Isolation:
Base Isolated
Measurement Range:
±80 g
Transverse Sensitivity:
Less than 5%
Electrical
Supply Voltage:
18-30 VDC
Current Range:
0.5 to 8 mA
Bias Voltage:
10-12 VDC
Electrical Noise:
0.1 mg Max.
Settling Time:
1.5 Second
Output Impedance:
200 Ohm Max.
Case Isolation:
>108 Ohm at 500 Volt
Environmental
Operating Temperature Range:
-67 to 284°F (-55 to 140°C)
Sealing:
IP68
Maximum Shock:
5000 g
Approvals:
CE and UKCA Approved
CSA/UL Class 1 Division 2, Groups B, C and D
Mechanical
Case Material:
Stainless Steel
Sensing Element/Construction:
PZT/Compression
Mounting Torque:
5.9 ft-lbs (8 Nm)
Weight:
6.5 Oz (185 gram)
Mating Connector:
3 Pin MS 5015
Recommended Cable Assembly:
CMCP603L or CMCP603H Series
Mounting Thread:
CMCP785A:
1/4”-28 UNF Captive Bolt Supplied with Sensor
CMCP785A-M8:
M8x1.25 Captive Bolt Supplied with Sensor


Numéro de pièce similaire - CMCP785T

FabricantNo de pièceFiches techniqueDescription
logo
STI Vibration Monitorin...
CMCP785T-I STI-CMCP785T-I Datasheet
550Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Armored Braided Cable
January 2023
CMCP785T-IP STI-CMCP785T-IP Datasheet
544Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Submersible
January 2023
More results

Description similaire - CMCP785T

FabricantNo de pièceFiches techniqueDescription
logo
STI Vibration Monitorin...
CMCP782A STI-CMCP782A Datasheet
496Kb / 2P
Economical Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP783A STI-CMCP783A Datasheet
489Kb / 2P
Economical Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785A-LF STI-CMCP785A-LF Datasheet
523Kb / 2P
Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A-LF STI-CMCP786A-LF Datasheet
506Kb / 2P
Low Frequency Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A STI-CMCP786A Datasheet
503Kb / 2P
General Purpose Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786T STI-CMCP786T Datasheet
507Kb / 2P
Dual Output Top Entry Accelerometer with Temperature 3 Pin MS 5015
January 2023
CMCP787A STI-CMCP787A Datasheet
572Kb / 2P
Premium Side Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP787T STI-CMCP787T Datasheet
574Kb / 2P
Premium Dual Output Side Entry Accelerometer with Temperature and 3 Pin MS 5015
July 2023
CMCP788A STI-CMCP788A Datasheet
507Kb / 2P
Premium Top Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP788T STI-CMCP788T Datasheet
512Kb / 2P
Premium Dual Output Top Entry Accelerometer with Temperature and 3 Pin MS 5015
July 2023
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com