Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMCP785A-LF Fiches technique(PDF) 2 Page - STI Vibration Monitoring Inc.

No de pièce CMCP785A-LF
Description  Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STI [STI Vibration Monitoring Inc.]
Site Internet  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP785A-LF Fiches technique(HTML) 2 Page - STI Vibration Monitoring Inc.

  CMCP785A-LF Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP785A-LF Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.: 5.0
Issued January 2023
Hazardous Location Ratings
Class I, II, III, Division 1 and 2, Groups A-G, T4, -55°C to +110°C IP65
Class 1, Zone 0, AEx, ia, IIC, T4, Ga, -55°C to + 110°C
Zone 20, AEx, ia, IIIC, T130°C, IP65, Da, -55°C to +110°C
Class I, II, III, Division 1, 2, Groups A-G, T6, -55°C to +110°C
Zone 20, AEx, ia, IIIX, T80°C, IP65, DA, -55°C to +110°C
Dimensions
Typical Frequency Response
Ordering Information
CMCP785A-LF
Low Frequency Side Entry Accelerometer, 500mV/g, 2 Pin MS 5015, ¼-28 UNF Mounting
CMCP785A-LF-M8
Low Frequency Side Entry Accelerometer, 500mV/g, 2 Pin MS 5015, M8x1.25 Mounting
Alternative Sensitivity Ordering Information
Part Number
Sensitivity
Measurement Range
Base Resonance
CMCP785A-LF-100
100 mV/g
±80 g
21 kHz
CMCP785A-LF-250
250 mV/g
±32 g
19 kHz
Similar Products
M12 Connector
CMCP785A-LF-M12
Submersible
CMCP785A-LF-IP
Integral Armored Cable
CMCP785A-LF-I



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com