Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTD Fiches technique(PDF) 1 Page - Omega Engineering, Inc.

No de pièce RTD
Description  RTD and Thermistor Extension Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMEGA [Omega Engineering, Inc.]
Site Internet  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

RTD Fiches technique(HTML) 1 Page - Omega Engineering, Inc.

  RTD Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
TM
RTD and Thermistor
Extension Cables
Ordering Code Description
OTP-U-M
3-lead standard male
OTP-U-F
3-lead standard female
MTP-U-M
3-lead miniature male
MTP-U-F
3-lead miniature female
OST-U-M
2-lead standard male
OST-U-F
2-lead standard female
SMP-U-M
2-lead miniature male
SMP-U-F
2-lead miniature female
TA3M
T Series, male†
TA3F
T Series, female†
† An additional cost of cable for each end
with T Series, visit us online for details.
Connector Codes
To Order
Model No.
Description
Length
RECU1-(*)-(*)
3 conductor TPE jacketed retractable extension cable
1', unstretched
RECU4-(*)-(*)
3 conductor TPE jacketed retractable extension cable
4', unstretched
GECU10-(*)-(*)
3 conductor fiberglass insulated and jacketed cable
10'
GECU25-(*)-(*)
3 conductor fiberglass insulated and jacketed cable
25'
TECU10-(*)-(*)
3 conductor PFA insulated and jacketed cable
10'
TECU25(*)-(*)
3 conductor PFA insulated and jacketed cable
25'
(*) If connectors are to be installed onto the cables, please insert the connection codes. Connection codes listed in chart above.
Notes: RECU cables contain three #28 AWG stranded copper wire with PFA insulation and TPE jacket. Temperature range is -30 to 150ºC.
Expansion ratio is 5:1.
GECU cables contain three #26 AWG nickel plated copper conductors with fiberglass insulation and fiberglass jacket.
Temperature range is -73 to 482ºC.
TECU cables contain three #26 AWG nickel plated copper conductors with PFA insulation and jacket.
Temperature range is 267 to 260ºC.
Ordering Examples: RECU1-MTP-U-F-MTP-U-M, RECU1 cable with a male MTP on one end and a female MTP connector on the other end.
TECU10-TA3F-TA3M, 3-conductor PFA insulated cable, 10' long with TA3M connector one end and TA3F connector on the other.
U
Retractable Cable Have 12" and 4'
Initial Lengths with 5:1 Stretch
U
Set-Length Extension Cables
Provided in 10 and 25'
Standard Lengths
U
3 Conductor Cables are Standard,
2 Conductor Cables are Provided
When Ordered with 2-Pin
Connectors Installed
U
3 Standard Cable
Constructions Available
U
Standard and Mini Quick
Disconnect Connectors and
Audio Connectors Available
Glass braid wire
extension cables.
All products shown
smaller than actual size.
PFA coated
wire extension
cables.
Retractable
extension cables.


Numéro de pièce similaire - RTD

FabricantNo de pièceFiches techniqueDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Electronic devices inc.
RTD EDI-RTD Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
TT Electronics.
RTD TTELEC-RTD Datasheet
543Kb / 2P
High stability Platinum based sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
IET Labs Inc.
RTD IET-RTD Datasheet
161Kb / 1P
Precision Resistance Temperature Detector Simulator
November 2015
More results

Description similaire - RTD

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
Accessories Connectors and Cables
1-Mar-2007
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
List of Unclassifed Man...
128820 ETC2-128820 Datasheet
109Kb / 1P
Extension Cables
logo
Analog Devices
AD2061 AD-AD2061_15 Datasheet
935Kb / 2P
MICROPROCESSOR BASED AUTORANGING RTD THERMISTOR METER
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
SICK AG
DOL-0804-W05MRN SICK-DOL-0804-W05MRN Datasheet
258Kb / 4P
Plug connectors and cables
DOL-1204-L25MRN SICK-DOL-1204-L25MRN Datasheet
275Kb / 4P
Plug connectors and cables
logo
Omega Engineering, Inc.
M12CM-RTD OMEGA-M12CM-RTD Datasheet
291Kb / 1P
High Temperature M12 Extension Cables For Probes, Sensors and Transmitters
OSW OMEGA-OSW Datasheet
463Kb / 3P
Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
STI Vibration Monitorin...
CMCP604 STI-CMCP604 Datasheet
286Kb / 1P
CMCP604 4-Pin Triaxial Accelerometer Extension Cables
Rev. 6/17
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com