Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA40 Fiches technique(PDF) 2 Page - RFE international

No de pièce SA40
Description  FEATURES Voltage Suppressor Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

SA40 Fiches technique(HTML) 2 Page - RFE international

  SA40 Datasheet HTML 1Page - RFE international SA40 Datasheet HTML 2Page - RFE international SA40 Datasheet HTML 3Page - RFE international SA40 Datasheet HTML 4Page - RFE international SA40 Datasheet HTML 5Page - RFE international SA40 Datasheet HTML 6Page - RFE international SA40 Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Part
Number
(Uni)
Part
Number
(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR
@ VWM (μ A)
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Maximum
Temperature
Coefficient of
VBR
(%/°C)
Min
(V)
Max
(V)
IT
(mA)
SA5.0
SA5.0C
6.40
7.30
10
600
5.0
52.1
9.6
5.0
SA5.0A
SA5.0CA
6.4
7.07
10
600
5.0
54.3
9.2
5.0
SA6.0
SA6.0C
6.67
8.15
10
600
6.0
43.9
11.4
5.0
SA6.0A
SA6.0CA
6.67
7.37
10
600
6.0
48.5
10.3
5.0
SA6.5
SA6.5C
7.22
8.82
10
400
6.5
40.7
12.3
5.0
SA6.5A
SA6.5CA
7.22
7.98
10
400
6.5
44.7
11.2
5.0
SA7.0
SA7.0C
7.78
9.51
10
150
7.0
37.6
13.3
6.0
SA7.0A
SA7.0CA
7.78
8.60
10
150
7.0
41.7
12.0
6.0
SA7.5
SA7.5C
8.33
10.2
1.0
50
7.5
35.0
14.3
7.0
SA7.5A
SA7.5CA
8.33
9.21
1.0
50
7.5
38.8
12.9
7.0
SA8.0
SA8.0C
8.89
10.9
1.0
25
8.0
33.3
15.0
7.0
SA8.0A
SA8.0CA
8.89
9.83
1.0
25
8.0
36.8
13.6
7.0
SA8.5
SA8.5C
9.44
11.5
1.0
5.0
8.5
31.4
15.9
8.0
SA8.5A
SA8.5CA
9.44
10.4
1.0
5.0
8.5
34.7
14.4
8.0
SA9.0
SA9.0C
10.0
12.2
1.0
5.0
9.0
29.6
16.9
9.0
SA9.0A
SA9.0CA
10.0
11.1
1.0
5.0
9.0
32.5
15.4
9.0
SA10
SA10C
11.1
13.6
1.0
5.0
10
26.6
18.8
10
SA10A
SA10CA
11.1
12.3
1.0
5.0
10
29.4
17.0
10
SA11
SA11C
12.2
14.9
1.0
5.0
11
24.9
20.1
11
SA11A
SA11CA
12.2
13.5
1.0
5.0
11
27.5
18.2
11
SA12
SA12C
13.3
16.3
1.0
5.0
12
22.7
22.0
12
SA12A
SA12CA
13.3
14.7
1.0
5.0
12
25.1
19.9
12
SA13
SA13C
14.4
17.6
1.0
5.0
13
21.0
23.8
13
SA13A
SA13CA
14.4
15.9
1.0
5.0
13
23.3
21.5
13
SA14
SA14C
15.6
19.1
1.0
5.0
14
19.4
25.8
14
SA14A
SA14CA
15.6
17.2
1.0
5.0
14
21.6
23.2
14
SA15
SA15C
16.7
20.4
1.0
5.0
15
18.6
26.9
16
SA15A
SA15CA
16.7
18.5
1.0
5.0
15
20.5
24.4
16
SA16
SA16C
17.8
21.8
1.0
5.0
16
17.4
28.8
19
SA16A
SA16CA
17.8
19.7
1.0
5.0
16
19.2
26.0
17
SA17
SA17C
18.9
23.1
1.0
5.0
17
16.4
30.5
20
SA17A
SA17CA
18.9
20.9
1.0
5.0
17
18.1
27.6
19
SA18
SA18C
20.0
24.4
1.0
5.0
18
15.5
32.2
21
SA18A
SA18CA
20.0
22.1
1.0
5.0
18
17.1
29.2
20
SA19
SA19C
21.13
25.76
1.0
5.0
19.0
14.7
34.0
23
SA19A
SA19CA
21.1
23.3
1.0
5.0
19.0
16.24
30.8
21
SA20
SA20C
22.2
27.1
1.0
5.0
20
14.0
35.8
25
FEATURES
Transient Voltage Suppressor Diodes
SA Series
DO-204AC(DO-15)
09-08-2022
Page 2 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified



Html Pages

1 2 3 4 5 6 7