Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29SL400CB100RWAI Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM29SL400CB100RWAI
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB100RWAI Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM29SL400CB100RWAI Datasheet HTML 35Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 36Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 37Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 38Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 39Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 40Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 41Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 42Page - Advanced Micro Devices AM29SL400CB100RWAI Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
37
D A TA
SH EE T
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1.
PA = program address, PD = program data, DQ7# = complement of the data written, DOUT = data written
2.
Figure indicates the last two bus cycles of command sequence.
3.
Word mode address used as an example.
Figure 24.
Alternate CE# Controlled
Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44