Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2000DM Fiches technique(PDF) 5 Page - UN Semiconducctor INC

No de pièce P2000DM
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P2000DM Fiches technique(HTML) 5 Page - UN Semiconducctor INC

  P2000DM Datasheet HTML 1Page - UN Semiconducctor INC P2000DM Datasheet HTML 2Page - UN Semiconducctor INC P2000DM Datasheet HTML 3Page - UN Semiconducctor INC P2000DM Datasheet HTML 4Page - UN Semiconducctor INC P2000DM Datasheet HTML 5Page - UN Semiconducctor INC P2000DM Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5/5
Dimensions
ROHS
PXXXXDM Series SOD-123FL(SMF)
Packaging
Tape and Reel Specifications
@10/700μS, 2KV
PXXXXDM
Part Number
Component
Package
SOD-123FL
3000
0.0141
7 inch reel pack
Quantity
Unit Weight (g/Pcs) typ.
Description
Ref.
Inches
Millimeters
Min
Min
A
B
C
D
E
F
G
J
K
L
2.60
1.60
3.45
0.10
0.30
0.80
0.95
1.30
1.30
3.00
2.00
3.95
0.25
0.90
1.20
1.35
1.70
0.102
0.063
0.136
0.004
0.012
0.031
0.037
0.051
0.051
0.118
0.079
0.156
0.010
0.035
0.047
0.053
0.067
Max
Max
Ref.
Dimensions
Millimeters
Inches
A
C
E
G
J
J
K
SOD-123FL
D0
P0 P2
E
A0
P1
A0
BO
C
DO
E
E1
F
P0
P1
P2
W
W1
1.95 ± 0.3
3.95 ± 0.3
178
1.55 ± 0.1
1.75 ± 0.2
13.3 ± 0.3
3.50 ± 0.2
4.00 ± 0.2
4.00 ± 0.2
2.00 ± 0.2
8.0 ± 0.2
11.5 ± 1.0
0.077 ± 0.012
0.156 ± 0.012
7.0
0.061 ± 0.004
0.069 ± 0.008
0.524 ± 0.012
0.138 ± 0.008
0.157 ± 0.008
0.157 ± 0.008
0.079 ± 0.008
0.315 ± 0.008
0.453 ± 0.039



Html Pages

1 2 3 4 5 6