| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA3200AAP3BN Fiches technique(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP3BN Fiches technique(HTML) 29 Page - Advanced Micro Devices |
|
29 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 29 AMD Athlon™ 64 Processor 1 CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given processor to the P- states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and AM D Opteron™ Processors, order# 26094. 2 FIDVID Status Register, MSR C001_0042h. 3 The VID_VDD voltage is the VID[4:0] requested VDD supply level. Refer to the appropriate functional data sheet for details. 4 Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD M ax, and VDD=VID_VDD, and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA. 5 Implementation of this P-state is optional in BIOS. 6 StartVID and M axVID are programmed during device manufacturing with part-specific values for Rev E and later processors, and can have one or more valid options. All valid options for StartVID, M axVID, and VID_VDD will be specified for the corresponding OPN. For information on the relationship of StartVID and MaxVID to VID_VDD refer to the BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094. Contact your FAE for more info on TDP specifications. Notes: |