Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A800DB12UI Fiches technique(PDF) 40 Page - Advanced Micro Devices

No de pièce A800DB12UI
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

A800DB12UI Fiches technique(HTML) 40 Page - Advanced Micro Devices

Back Button A800DB12UI Datasheet HTML 36Page - Advanced Micro Devices A800DB12UI Datasheet HTML 37Page - Advanced Micro Devices A800DB12UI Datasheet HTML 38Page - Advanced Micro Devices A800DB12UI Datasheet HTML 39Page - Advanced Micro Devices A800DB12UI Datasheet HTML 40Page - Advanced Micro Devices A800DB12UI Datasheet HTML 41Page - Advanced Micro Devices A800DB12UI Datasheet HTML 42Page - Advanced Micro Devices A800DB12UI Datasheet HTML 43Page - Advanced Micro Devices A800DB12UI Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
D A TA
SH EE T
38
Am29SL800D
27546A6 January 23, 2007
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUS
Notes:
1.
PA = program address, PD = program data, DQ7# = complement of the data written, DOUT = data written
2.
Figure indicates the last two bus cycles of command sequence.
3.
Word mode address used as an example.
Figure 24.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46