Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CIRCC Fiches technique(PDF) 63 Page - SMSC Corporation

No de pièce CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Fiches technique(HTML) 63 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 59Page - SMSC Corporation CIRCC Datasheet HTML 60Page - SMSC Corporation CIRCC Datasheet HTML 61Page - SMSC Corporation CIRCC Datasheet HTML 62Page - SMSC Corporation CIRCC Datasheet HTML 63Page - SMSC Corporation CIRCC Datasheet HTML 64Page - SMSC Corporation CIRCC Datasheet HTML 65Page - SMSC Corporation CIRCC Datasheet HTML 66Page - SMSC Corporation CIRCC Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
63
Receive
Receiving messages with Programmed I/O using
FIFO Interrupt requires reading a fixed number of
data bytes, usually related to the threshold,
whenever the FIFO Interrupt becomes active.
An appropriate FIFO Threshold value allows the
host to efficiently satsify the FIFO service
requests
until
the
message
reception
is
complete.
IOCHRDY Time-out
In programmed I/O mode when AEN = low and
String Move = active, IOCHRDY can be used to
slightly extend the access cycle if the FIFO is
temporarily unable to fulfill the transfer request
(Figure 33).
If IOCHRDY remains inactive for
more than 10Fs, a time-out error occurs and
subsequent IOCHRDY cycles are prevented until
the string move bit is specifically reactivated.
Because of the 10Fs IOCHRDY time-out, it is
recommended that string move timing only be
used for 1.152 Mbps transfers and above.
DMA Enable
IOW
String Move
Tx Enable
TxServReq
FIFO Int. Enable
FIFO Interrupt
Data Done
EOM Interrupt
FIGURE 31 - INTERRUPT DRIVEN PROGRAMMED I/O TRANSMIT TIMING
DMA Enable
IOR
String Move
Rx Enable
RxServReq
FIFO Int. Enable
FIFO Interrupt
EOM Interrupt
FIGURE 32 - INTERRUPT DRIVEN PROGRAMMED I/O RECEIVE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70