Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A800DB90UI Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce A800DB90UI
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

A800DB90UI Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button A800DB90UI Datasheet HTML 31Page - Advanced Micro Devices A800DB90UI Datasheet HTML 32Page - Advanced Micro Devices A800DB90UI Datasheet HTML 33Page - Advanced Micro Devices A800DB90UI Datasheet HTML 34Page - Advanced Micro Devices A800DB90UI Datasheet HTML 35Page - Advanced Micro Devices A800DB90UI Datasheet HTML 36Page - Advanced Micro Devices A800DB90UI Datasheet HTML 37Page - Advanced Micro Devices A800DB90UI Datasheet HTML 38Page - Advanced Micro Devices A800DB90UI Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
33
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tW
tWC
tAS
tWP
555h for chip erase
10 for Chip Erase
30h
tD
tVCS
tCS
tD
55h
tCH
In
Progress
Complete
tWHWH
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1.
SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2.
Illustration shows device in word mode.
Figure 18.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com