Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160GB28DPBE Fiches technique(PDF) 73 Page - Advanced Micro Devices

No de pièce AM29BDD160GB28DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBE Fiches technique(HTML) 73 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBE Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
June 7, 2006
Am29BDD160G
71
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
tWPH
tWP
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, D
OUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
Figure 29.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79