Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COM20019IP Fiches technique(PDF) 12 Page - SMSC Corporation

No de pièce COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Fiches technique(HTML) 12 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 8Page - SMSC Corporation COM20019IP Datasheet HTML 9Page - SMSC Corporation COM20019IP Datasheet HTML 10Page - SMSC Corporation COM20019IP Datasheet HTML 11Page - SMSC Corporation COM20019IP Datasheet HTML 12Page - SMSC Corporation COM20019IP Datasheet HTML 13Page - SMSC Corporation COM20019IP Datasheet HTML 14Page - SMSC Corporation COM20019IP Datasheet HTML 15Page - SMSC Corporation COM20019IP Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
12
DISCONTINUED DATASHEET
Free Buffer Enquiries
A Free Buffer Enquiry is used to ask another node
if it is able to accept a packet of data. It is sent by
the following sequence:
An ALERT BURST
An ENQ (ENQuiry: ASCII code 85H)
Two (repeated) DID (Destination ID) characters
ALERT
BURST
ENQ
DID
DID
Data Packets
A Data Packet consists of the actual data being
sent to another node. It is sent by the following
sequence:
•
An ALERT BURST
•
An SOH (Start Of Header--ASCII code 01H)
•
An SID (Source ID) character
•
Two
(repeated)
DID
(Destination
ID)
characters
•
A single COUNT character which is the 2's
complement of the number of data bytes to
follow if a short packet is sent, or 00H
followed by a COUNT character if a long
packet is sent.
•
N data bytes where COUNT = 256-N (or 512-
N for a long packet)
•
Two
CRC
(Cyclic
Redundancy
Check)
characters.
The CRC polynomial used is:
X
16 + X15 + X2 + 1.
ALERT
BURST
SOH
SID
DID
DID
COUNT
data
data
CRC
CRC
Acknowledgements
An Acknowledgement is used to acknowledge
reception of a packet or as an affirmative
response to FREE BUFFER ENQUIRIES and is
sent by the following sequence:
•
An ALERT BURST
•
An ACK (ACKnowledgement--ASCII code
86H) character
ALERT BURST
ACK
Negative Acknowledgements
A Negative Acknowledgement is used as a
negative
response
to
FREE
BUFFER
ENQUIRIES
and
is
sent
by
the
following
sequence:
•
An ALERT BURST
•
A NAK (Negative Acknowledgement--ASCII
code 15H) character
ALERT BURST
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81