Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29SL800DB120WCD Fiches technique(PDF) 44 Page - Advanced Micro Devices

No de pièce AM29SL800DB120WCD
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB120WCD Fiches technique(HTML) 44 Page - Advanced Micro Devices

Back Button AM29SL800DB120WCD Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 44Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 45Page - Advanced Micro Devices AM29SL800DB120WCD Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
D A TA
SH EE T
42
Am29SL800D
27546A6 January 23, 2007
PHYSICAL DIMENSIONS
FBC048—48-Ball Fine-Pitch Ball Grid Array (FBGA)
9 x 8 mm Package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46