| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3500 Fiches technique(PDF) 8 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3500 Fiches technique(HTML) 8 Page - SMSC Corporation |
|
8 / 46 page ![]() Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface Datasheet Revision 1.0 (04-04-05) 8 SMSC USB3500 DATASHEET The USB3500 uses SMSC’s advanced proprietary technology to minimize power dissipation, resulting in maximized battery life in portable applications. 1.1 Applications The USB3500 is targeted for any application where a hi-speed USB connection is desired. The USB3500 is well suited for: ■ Cell Phones ■ MP3 Players ■ Scanners ■ Printers ■ External Hard Drives ■ Still and Video Cameras ■ Portable Media Players ■ Entertainment Devices Figure 1.2 UTMI+ Level 3 Support UTMI+ Level 0 USB2.0 Peripherals Only USB3500 UTMI+ Level 3 USB2.0 Peripheral, host controllers, On-the- Go devices (HS, FS, LS, preamble packet) UTMI+ Level 2 USB2.0 Peripheral, host controllers, On- the-Go devices (HS, FS, and LS but no preamble packet) UTMI+ Level 1 USB2.0 Peripheral, host controllers, and On-the-Go devices (HS and FS Only) USB3280 USB3250 |