Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2229 Fiches technique(PDF) 27 Page - SMSC Corporation

No de pièce USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2229 Fiches technique(HTML) 27 Page - SMSC Corporation

Back Button USB2229_06 Datasheet HTML 19Page - SMSC Corporation USB2229_06 Datasheet HTML 20Page - SMSC Corporation USB2229_06 Datasheet HTML 21Page - SMSC Corporation USB2229_06 Datasheet HTML 22Page - SMSC Corporation USB2229_06 Datasheet HTML 23Page - SMSC Corporation USB2229_06 Datasheet HTML 24Page - SMSC Corporation USB2229_06 Datasheet HTML 25Page - SMSC Corporation USB2229_06 Datasheet HTML 26Page - SMSC Corporation USB2229_06 Datasheet HTML 27Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
Datasheet
SMSC USB2229/USB2230
27
Revision 1.3 (02-13-06)
DATASHEET
Chapter 9 GPIO Usage
Table 9.1 GPIO Usage (ROM Rev 0x00)
NAME
ACTIVE
LEVEL
SYMBOL
DESCRIPTION AND NOTE
GPIO1
H
Flash Media Activity LED/
xD_Door
Indicates media activity. Media or USB
cable must not be removed with LED lit.
Also may be used for xD Door
functionality
GPIO2
H
EE_CS
Serial EE PROM chip select
GPIO3
H
V_BUS
USB V bus detect
GPIO4
H
EE_DIN/EE_DOUT/xDID
Serial EE PROM input/output and xD
Identify
GPIO5
H
HS_IND/SD_CD
HS Indicator LED or SD Card Detect
Switch input
GPIO6
H
A16/ROMEN
A16 address line connect for DFU or
debug LED indicator optional.
GPIO7
H
EE_CLK/
UNCONF_LED
Serial EE PROM clock output or
Unconfigured LED.
GPIO8
L
MS_PWR_CTRL/
CRD_PWR0
Memory Stick Card Power Control, or
Internal Power FET0.
GPIO9
L
CF_PWR_CTRL
CompactFlash Card Power Control
GPIO10
L
SM_PWR_CTRL/
CRD_PWR1
SmartMedia Card Power Control, or
Internal Power FET1.
GPIO11
L
SD/MMC_PWR_CTRL/
CRD_PWR2
SD/MMC Card Power Control, or
Internal Power FET2.
GPIO12
H
MS_ACT_IND/
Media Activity
Memory Stick Activity Indicator, or
Media Activity LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27