Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2224 Fiches technique(PDF) 5 Page - SMSC Corporation

No de pièce USB2224
Description  Bus Powered USB2.0 Flash Media Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Fiches technique(HTML) 5 Page - SMSC Corporation

  USB2224 Datasheet HTML 1Page - SMSC Corporation USB2224 Datasheet HTML 2Page - SMSC Corporation USB2224 Datasheet HTML 3Page - SMSC Corporation USB2224 Datasheet HTML 4Page - SMSC Corporation USB2224 Datasheet HTML 5Page - SMSC Corporation USB2224 Datasheet HTML 6Page - SMSC Corporation USB2224 Datasheet HTML 7Page - SMSC Corporation USB2224 Datasheet HTML 8Page - SMSC Corporation USB2224 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 5
Revision 1.3 (06-13-06)
DATASHEET
Chapter 2
Acronyms and Definitions
2.1
Acronyms
SM:
SmartMedia
SMC: SmartMedia Controller
FM:
Flash Media
FMC: Flash Media Controller
CF:
Compact Flash
CFC: CompactFlash Controller
SD:
Secure Digital
SDC: Secure Digital Controller
MMC: MultiMediaCard
MS:
Memory Stick
MSC: Memory Stick Controller
TPC: Transport Protocol Code.
ECC: Error Checking and Correcting
CRC: Cyclic Redundancy Checking
XD:
XD Picture Card
2.2
Definitions
Flash Media DMA UNIT (FMDU): The control logic in the flash media controller block as shown in the
Block Diagram that support the data transfer from CFC, SMC, MSC and SDC to EP2 buffer directly.
SD/MMC: the built-in SD controller (SDC) supports both SD and MMC devices.
Flash Media Controller Data Multiplexer (FMC DATA MUX): The multiplexer to enable the different data
path from the different flash media controllers (CFC, SMC, MSC and SDC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20