Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29SL800DB100WAF Fiches technique(PDF) 43 Page - Advanced Micro Devices

No de pièce AM29SL800DB100WAF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAF Fiches technique(HTML) 43 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAF Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 44Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 45Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
41
PHYSICAL DIMENSIONS
FBA048—48-Ball Fine-Pitch Ball Grid Array (FBGA)
8.15 X 6.15 mm Package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46