| Moteur de recherche de fiches techniques de composants électroniques |
|
EMC2101-R-ACZL-TR Fiches technique(PDF) 27 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2101-R-ACZL-TR Fiches technique(HTML) 27 Page - SMSC Corporation |
|
27 / 55 page ![]() SMBus Fan Control with 1°C Accurate Temperature Monitoring Datasheet SMSC EMC2101 27 Revision 2.53 (03-13-07) DATASHEET If the Fan Control Look-Up Table is not used, the user may program the fan output directly by writing to the Fan Setting Register (4Ch - see Section 6.18). Figure 5.7 Fan Control Look-Up Table Example Time Fan Setting Temp S2 S3 S4 T4 T5 T6 Averaged Temperature T4 - Hyst T5 - Hyst T6 - Hyst S1 T3 T3 - Hyst T2 T2 - Hyst S6 T1 S5 Measurement taken Fan Setting |