| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7SCEC Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 155 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 49 4.8.3.1 EIM interface pads allocation EIM supports 16-bit and 8-bit devices operating in address/data separate or multiplexed modes. Table 37 provides EIM interface pads allocation in different modes. Table 37. EIM internal module multiplexing1 1 For more information on configuration ports mentioned in this table, see the i.MX 7Solo Application Processor Reference Manual (IMX7SRM). Setup Non Multiplexed Address/Data Mode Multiplexed Address/ Data Mode 8 Bit 16 Bit 16 Bit MUM = 0, DSZ = 100 MUM = 0, DSZ = 101 MUM = 0, DSZ = 001 MUM = 1, DSZ = 001 EIM_ADDR [15:00] EIM_AD [15:00] EIM_AD [15:00] EIM_AD [15:00] EIM_AD [15:00] EIM_ADDR [25:16] EIM_ADDR [25:16] EIM_ADDR [25:16] EIM_ADDR [25:16] EIM_ADDR [25:16] EIM_DATA [07:00], EIM_EB0_B EIM_DATA [07:00] — EIM_DATA [07:00] EIM_AD [07:00] EIM_DATA [15:08], EIM_EB1_B — EIM_DATA [15:08] EIM_DATA [15:08] EIM_AD [15:08] |