Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29SL800DB100WAC Fiches technique(PDF) 46 Page - Advanced Micro Devices

No de pièce AM29SL800DB100WAC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAC Fiches technique(HTML) 46 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAC Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 44Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 45Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
D A TA
SH EE T
44
Am29SL800D
27546A6 January 23, 2007
REVISION SUMMARY
Revision A (February 4, 2003)
Initial release.
Revision A+1 (March 17, 2003)
Ordering Information
Corrected typo in table.
Corrected typo to OPNs.
Revision A+2 (June 10, 2004)
Ordering Information
Added Pb-free package OPNs.
Revision A+3 (October 27, 2004)
Updated VCC values
Revision A+4 (April 27, 2005)
Added VBK048 package.
Added Colophon.
Updated Trademark.
Revision A+5 (February 17, 2006)
Global
Removed Reverse TSOP throughout.
Revision A6 (January 23, 2007)
Erase and Program Operations table
Changed tBUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2003–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006–2007 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations
thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46