| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV320ML90RPCF Fiches technique(PDF) 53 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV320ML90RPCF Fiches technique(HTML) 53 Page - Advanced Micro Devices |
|
53 / 59 page ![]() January 31, 2007 26517B4 Am29LV320MH/L 51 D A TA SH EET AC CHARACTERISTICS tGHEL tWS OE# CE# WE# RESET# tDS Data tAH Addresses tDH tCP DQ7#, DOUT tWC tAS tCPH PA Data# Polling A0 for program 55 for erase tRH tWHWH1 or 2 RY/BY# tWH PD for program 30 for sector erase 10 for chip erase 555 for program 2AA for erase PA for program SA for sector erase 555 for chip erase tBUSY DQ15# tPOLL Notes: 1. Figure indicates last two bus cycles of a program or erase operation. 2. PA = program address, SA = sector address, PD = program data. 3. DQ7# is the complement of the data written to the device. DOUT is the data written to the device. 4. Illustration shows device in word mode. Figure 25. Alternate CE# Controlled Write (Erase/Program) Operation Timings |