| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA3200DIK5AP Fiches technique(PDF) 46 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIK5AP Fiches technique(HTML) 46 Page - Advanced Micro Devices |
|
46 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 46 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase M ax 1, 13 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 500 mW 34.8 A 7.1 A 2.9 W 1.100 V 29.2 A 35.0 W 1000 MHz N/A N/A 1.250 V 45.4 A 59.6 W N/A 1.300 V 52.1 A 70.6 W 1800 MHz 1.350 V 59.3 A 83.0 W 2000 MHz 60.0 A 85.3 W 2200 MHz ADA3800DAA4BW 0.34°C/W 42°C 70°C 49°C to 71°C A 1.350 V 1.400 V 2400 MHz |